innovative power tm - 1 - www.active-semi.com copyright ? 2014 active-semi, inc. features ? dedicated single chip solution for mobile power with minimal component count ? 5v/1.5a constant output current limit in boost mode ? 1.5a switching charger limit ? programmable 4.1v to 4.35v battery voltage ? 95% boost efficiency vbat=4.1v) ? adaptive to 10ma-2400ma input sources ? battery disconnection at output short ? <10a low battery leakage current at hz mode during storage ? boost auto turn-off at no load and push button turn-on ? battery over current, over voltage, over temperature and short circuit protections ? boost auto startup with load detection ? up to 2.0a input current limit with prioritized power path to output ? 5v+/-100mv output voltage in boost mode ? 1.1mhz/0.55mhz switching frequencies ? 2.2uh smd inductor and low profile ceramic capacitor ? 4 leds battery level and status indication ? battery impedance compensation ? full cycle of battery charge management preconditioning, fast charge, top off and end of charge ? charge current foldback at 110c die temperature ? ic over temperature protection at 160c ? qfn4x4-24 package applications ? backup battery pack ? power bank ? mobile power ? standalone battery charger with usb output general description act2801/act2801c is a space-saving and high- performance low-profile single-chip solution for backup battery pack and standalone battery charger. act2801/act2801c integrates all the functions that a backup battery pack needs, including switching charger, boost converter and led indication. act2801/act2801c operates at 1.1mhz for switching charger and 0.55mhz for boost converter allowing tiny external inductor and capacitors. act2801/act2801c provides a direct power path from input to output with programmable current limit while providing power to switching charger. output has higher priority than battery charger if the programmed input current limit is reached. act2801/act2801c charges battery with full cycle of preconditioning, fast charge with constant current and constant voltage until end of charge. the battery charger is thermally regulated at 110c with charge current foldback. act2801/act2801c boost converter steps battery voltage up to 5v. boost converter features high efficiency, constant current regulation, short circuit protection and over voltage protection. act2801/act2801c provides 3.5ma constant currents to drive 4 leds to indicate battery level and charge status. battery impedance is compensated for battery level indication. 5v/1.5a backup battery pack manager rev 2, 15-apr-14 act2801/act2801c output voltage (v) output current (ma) 0 200 400 600 800 1000 1400 1200 5.5 5.0 4.5 4.0 3.5 3.0 boost cc/cv curve v bat =4.1v v bat =3.7v v bat =3.2v
rev 2, 15-apr-14 innovative power tm - 2 - www.active-semi.com copyright ? 2014 active-semi, inc. act2801/act2801c ordering information part number output charge current low battery level alarm plug battery turn on boost package act2801ql-t0550 5v/1.5a 1.5a no yes qfn44-24 ACT2801QL-T1026 5v/1.5a 1.5a yes no qfn44-24 act2801cql-t 5v/1.5a 1.5a yes no qfn44-24 flashlight no no yes pin configuration
rev 2, 15-apr-14 innovative power tm - 3 - www.active-semi.com copyright ? 2014 active-semi, inc. act2801/act2801c pin descriptions pin name description 1 hz boost high-z mode enable pin, internally pulled up by a 3m ? resistor to battery. when hz pin is pulled ground, boost is enabled if vin is not present. 2 pb push button input, connect a push button from this pin to agnd, internally pulled up by a 3m ? resistor to battery. pb starts up boost converter if hz pin is grounded and vin is not present. when this pin is pushed for 100ms, led1-4 indicators are enable for 5 seconds. for act2801c, if this pin is pushed for 3s flashlight is enabled. 3 agnd logic ground. 4 npg drive external p-fet to protect output short circuit and leakage during shutdown. npg pin is pulled up to vout internally. npg pin is pulled low if vout is in the range. 5 ilim input current limit setting pin. connect a resist or from this pin to agnd to set the input current limit. the current setting ranges from 0.5a-2.0a. 6 vin usb or ac adaptor input. when vin is valid, charge and power path is enabled. 7, 8 vout output pin. bypass to pgnd with a high quality low esr and esl ceramic capacitor placed as close to the ic as possible. 9, 10 sw internal switch to output inductor terminal. 11 pgnd power ground. pgnd is connected to the so urce of low-side n-channel mosfet and the mosfet?s gate driver. 12 bat battery input. connected to the battery pack positive terminal to provide power in high- z mode. bypass to pgnd with a high quality ceramic capacitor placed as close to the ic as possible. 13 csp positive terminal of charge current sense input. kevin sense is required with 10nf ceramic capacitor right across csp and csn pins. 14 csn negative terminal of charge current sense input. 15 iost output current setting. connect a resistor from this pin to agnd to set output constant current. the current setting ranges from 0.5a-1.5a. 16 icst fast charge current setting pin. connect a re sistor from this pin to agnd to set the charge current. the current setting ranges from 0.5a-1.5a. 17 btv battery termination voltage setting. connec t a resistor from this pin to agnd to program battery charge termination voltage. 18 led1 battery level indica tor. an internal 3.5ma sink current limit is built in. 19 led2 battery level indica tor. an internal 3.5ma sink current limit is built in. 20 led3 battery level indica tor. an internal 3.5ma sink current limit is built in. 21 led4 battery level indica tor. an internal 3.5ma sink current limit is built in. 22 rimc battery impendence compensation input. connect to a resistor from this pin to apng to program the battery impedance. 23 blvs battery level voltage shift. connect a resistor from this pin to agnd to shift the battery led indication thresholds. 24 th/fld th: act2801 temperature sensing input. connect to batte ry thermistor terminal. if no use, put 10k pulled down resistor. fld: act2801c open-drain flashlight driver. a internal switch can handle up to 50ma. 25 ep exposed pad. must be soldered to ground on the pcb.
rev 2, 15-apr-14 innovative power tm - 4 - www.active-semi.com copyright ? 2014 active-semi, inc. act2801/act2801c absolute maximum ratings c parameter value unit all the pin to pgnd and agnd -0.3 to 6.5 v junction to ambient the rmal resistance 40 c/w maximum power dissipation 2.5 w operating junction temperature -40 to 150 c storage junction temperature -40 to 150 c lead temperature (soldering 10 sec.) 300 c operating ambient temperature -40 to 85 c c : do not exceed these limits to prevent damage to the device. exposure to absolute maximum rati ng conditions for long periods m ay affect device reliability.
rev 2, 15-apr-14 innovative power tm - 5 - www.active-semi.com copyright ? 2014 active-semi, inc. act2801/act2801c parameter test conditions min typ max unit input current limit input voltage range 4.5 5.5 v v in over voltage protection vin rising, v in _ovp 5.5 6.0 6.5 v input voltage validation time vi n_uvlo |